Part Number Hot Search : 
F9Z34N VPM06 4920M 0040C TDSO5150 LTC4265 LTC1422 M0001000
Product Description
Full Text Search
 

To Download 020-003-355 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6 position low profile male connectors p hysical p roperties i nsulation m aterial : high temperature thermo- plastic ul 94v-0 rated i nsulator c olor : transparent,transparent smoke,natural c ontacts : copper alloy p lating : nickel plate overall, gold finish in con- tact zone i nsertion f orce : 8 contact male into dt series female 2 lbs max. into rc series female 4 lbs max. p lug retention in female : 20 lb. max load cable retention in plug 20 lb. max load d urability : mating cycles 2000 minimum e lectrical p roperties c urrent r ating : 3 amps nominal c ontact r esistance : top portion mated to female spring contact initial: 10 milliohms max. after cycling: 20 milliohms max p ierce t ip c onnected t o c onductor i n p lug : initial: 3 milliohms max. after cycling: 5 milliohms max i nsulation r esistance : 1000 megohms min. d ielectric w ithstanding : 1000 vrms @ 60 sec duration voltage ul recognized duxr2 modular plugs modular connector male 494 thomas & betts electronics/oem division tel: 901-252-5000 fax: 901-252-1312 dimensions shown are for reference only. dimension s are in inches [mm]. ordering information cable compatibility # of dim dim inches mm standard contacts shape a b min max min max gold 2 round .480 [12.19] .260 [6.60] .105 .150 2.57 3.31 020-003-216 2 flat/oval .480 [12.19] .260 [6.60] .080 .130 2.03 3.30 020-003-408 4 round .480 [12.19] .260 [6.60] .105 .150 2.57 3.31 020-003-353 4 flat/oval .480 [12.19] .260 [6.60] .080 .130 2.03 3.30 020-003-354 6 round .480 [12.19] .260 [6.60] .105 .150 2.57 3.31 020-003-355 6 flat/oval .480 [12.19] .260 [6.60] .080 .130 2.03 3.30 020-003-356 8 round or .730 [18.54] .315 [8.00] .120 .180 3.04 4.69 020-003-357 flat/oval .110 .145 2.79 3.68 8 round or .730 [18.54] .315 [8.00] .170 .200 4.31 5.08 020-003-367* flat/oval .140 .170 3.55 4.31 8 round or .730 [18.54] .315 [8.00] .120 .180 3.04 4.69 020-003-358** flat/oval .110 .145 2.79 3.68 * f or larger od cable . ** f or smaller than .030" insulated conductors . 2 to 6 contacts available


▲Up To Search▲   

 
Price & Availability of 020-003-355

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X